|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. SURFACE MOUNT LED LAMPS 0805 Package Yellow Green SMD Chip LED Lamps Part Number: AL-HGD35A Package outlines & Re-flow Profile Reflow Temp./Time Temp. 240Max. 10sec Max. 5/sec Max. 60~120sec 4/sec Max. Time Soldering iron Basic spec is 5sec when 260. If temperature is higher, time should be shorter (+10 -1sec ).Power dissipation of iron should be smaller than 15W, and temperatures should be controllable .Surface temperature of the device should be under 230 . ITEM Resin (mold) Lens color Printed circuit board MATERIALS Epoxy Water Clear BT AlGaInP Yellow Green Recommend Pad Layout Dice Emitted color NOTES: 1. 2. 3. 4. All dimensions are in millimeters (inches); Tolerances are 0.1mm (0.004inch) unless otherwise noted. Soldering terminal may shift in x, y direction. Polarity referring on to the Cathode mark is reversed on the red. 2009/02/19 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. SURFACE MOUNT LED LAMPS Part Number: AL-HGD35A ELECTRO-OPTICAL CHARACTERISTICS Parameter Viewing angle at 50% IV Forward voltage Luminous intensity (TA=25) Value MIN. TYP. MAX. Test Condition Symbol IF=20mA IF=20mA IF=20mA IF=20mA 21/2 VF IV d p IFP Unit Deg V mcd nm nm mA 130 - 2.0 2.6 - 50 - - 570 - - 575 - 100 Wavelength IF=20mA Peak pulsing current (1/10 duty f=1kHz) Absolute maximum ratings Parameter Forward current Reverse voltage Reverse current Power Dissipation Operating temperature range Storage temperature range (TA=25) Symbol IF VR IR PD Top Tstg Value 30 5 10 50 -30 ~+80 -40 ~+90 Unit mA V A mW 2009/02/19 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. SURFACE MOUNT LED LAMPS Part Number: AL-HGD35A Test items and results of reliability No. Items Test Condition Test Hours/Cycles 5 sec Sample Size 48 pcs 1 Solder Heat TEMP2605 90~ 25~ -30 ~ 25 30m 5m 30m 5m 100~ -55 10m 10m IF=20mA 2 Temperature Cycle 300Cycles 48 pcs 3 Thermal Shick 100Cycles 48 pcs 4 Operation Life 1000 Hrs 48 pcs 5 High Temperature Storage Temp90 1000Hrs 48 pcs 6 Low Temperature Storage High Temperature / High Humidity Temp-30 1000Hrs 48 pcs 7 80 / R.H80% 1000Hrs 48 pcs Refer to reliability test standard specification for in this line. 2009/02/19 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. SURFACE MOUNT LED LAMPS Part Number: AL-HGD35A 2009/02/19 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. SURFACE MOUNT LED LAMPS Part Number: AL-HGD35A 2009/02/19 |
Price & Availability of AL-HGD35A09 |